PART |
Description |
Maker |
DBCPHC1907AT1-XXX DBCPHC1940AG1-XXX DBCPHC1940AS1- |
PIN HEADERS DUAL BODY SINGLE ROW
|
Dubilier
|
DBCPHC3040AG1-XXX DBCPHC3040AS1-XXX DBCPHC3040AT1- |
PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
|
Dubilier
|
852-90-002-20-001000 852-10-100-20-001000 852-90-1 |
INTERCONNECTS .050隆卤 Grid Right Angle Headers and Sockets Single and Double Row INTERCONNECTS .050 Grid Right Angle Headers and Sockets Single and Double Row
|
Mill-Max Mfg. Corp.
|
3TB41-15 |
TB Series Basic Switch, Double Pole Double Throw Double Break Circuitry, 10 A at 250 Vac, Pin Plunger Actuator, Silver Contacts, Screw Termination
|
Honeywell
|
DBCPHC2102AG1-XXX DBCPHC2107AT1-XXX DBCPHC2102AS1- |
PIN HEADERS TRIPLE ROW STRAIGHT
|
Dubilier http://
|
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
DBCPHC0902AG1 DBCPHC0910AG1 DBCPHC0920AG1 DBCPHC09 |
PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
|
Dubilier
|
HPH1A4UA HPH2A4UA HPH1A4UB HPH2A4UB DHPH232SGA DHP |
From old datasheet system 050 PIN HEADERS 050引线
|
ETC[ETC] Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
ME040-50802 ME040-50803 |
Pluggable terminal blocks on pin headers, pitch 5.08 mm
|
Lumberg
|
DBCPHC2807AT1-XXX DBCPHC2802AS1-XXX DBCPHC2806AT1- |
PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
|
Dubilier
|
5-826631-0 |
.100 Inch Centerline-AMPMODU Headers; MODU 2 PIN HEADER ( AMP )
|
Tyco Electronics
|